Part Number Hot Search : 
N54LS GBU13508 MMBD444 SM250 600ETTT 331M16 SC458 10600
Product Description
Full Text Search
 

To Download MMSZ5234BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount zener diode mmsz5221bs-mmsz5263bs features z planar die construction z general purpose, medium current z ideally suited for autom ated assembly processes applications z zener diode z ultra-small surface mount package sod-323 ordering information type no. marking package code mmsz5221bs-mmsz5263bs see table 2 sod-323 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit forward voltage @ i f =10ma v f 0.9 v power dissipation p d 200 mw thermal resistance,junction to ambient air r ja 625 /w junction temperature t j 150 storage temperature range t stg -65 to+150 notes: 1. valid provided that device term inals are kept at am bient temperature. 2. tested with pulses, t 1.0ms. pb lead-free 2014-03 01? http://www.microdiode.com
surface mount zener diode mmsz5221bs-mmsz5263bs electrical characteristics @ ta=25 unless otherwise specified zener voltage range test current maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt@ i zt z zk@ i zk =0.25ma i r @v r type number marking code nom(v) min(v) max(v) ma ? a v mmsz5221bs c1 2.4 2.28 2.52 20 30 1200 100 1.0 mmsz5223bs c3 2.7 2.57 2.84 20 30 1300 75 1.0 mmsz5225bs c5 3.0 2.85 3.15 20 30 1600 50 1.0 mmsz5226bs g1 3.3 3.14 3.47 20 28 1600 25 1.0 mmsz5227bs g2 3.6 3.42 3.78 20 24 1700 15 1.0 mmsz5228bs g3 3.9 3.71 4.10 20 23 1900 10 1.0 mmsz5229bs g4 4.3 4.09 4.52 20 22 2000 5.0 1.0 mmsz5230bs g5 4.7 4.47 4.94 20 19 1900 5.0 2.0 mmsz5231bs e1 5.1 4.85 5.36 20 17 1600 5.0 2.0 mmsz5232bs e2 5.6 5.32 5. 88 20 11 1600 5.0 3.0 mmsz5233bs e3 6.0 5.70 6.30 20 7 1600 5.0 3.5 MMSZ5234BS e4 6.2 5.89 6.51 20 7 1000 5.0 4.0 mmsz5235bs e5 6.8 6.46 7.14 20 5 750 3.0 5.0 mmsz5236bs f1 7.5 7.13 7.88 20 6 500 3.0 6.0 mmsz5237bs f2 8.2 7.79 8.61 20 8 500 3.0 6.5 mmsz5238bs f3 8.7 8.27 9.14 20 8 600 3.0 6.5 mmsz5239bs f4 9.1 8.65 9.56 20 10 600 3.0 7.0 mmsz5240bs f5 10 9.50 10.50 20 17 600 3.0 8.0 mmsz5241bs h1 11 10.45 11.55 20 22 600 2.0 8.4 mmsz5242bs h2 12 11.40 12.60 20 30 600 1.0 9.1 mmsz5243bs h3 13 12.35 13. 65 9.5 13 600 0.5 9.9 mmsz5245bs h5 15 14.25 15. 75 8.5 16 600 0.1 11 mmsz5246bs j1 16 15.20 16.80 7.8 17 600 0.1 12 mmsz5248bs j3 18 17.10 18.90 7.0 21 600 0.1 14 mmsz5250bs j5 20 19.00 21.00 6.2 25 600 0.1 15 mmsz5251bs k1 22 20.90 23.10 5.6 29 600 0.1 17 mmsz5252bs k2 24 22.80 25.20 5.2 33 600 0.1 18 mmsz5254bs k4 27 25.65 28.35 5.0 41 600 0.1 21 mmsz5255bs k5 28 26.60 29.40 4.5 44 600 0.1 21 mmsz5256bs m1 30 28.50 31.5 4.2 49 600 0.1 23 mmsz5257bs m2 33 31.35 34.65 3.8 58 700 0.1 25 mmsz5258bs m3 36 34.20 37.80 3.4 70 700 0.1 27 mmsz5259bs m4 39 37.05 40.95 3.2 80 800 0.1 30 mmsz5260bs m5 43 40.85 45.15 3.0 93 900 0.1 33 mmsz5261bs m6 47 44.65 49. 35 2.7 105 1000 0.1 36 2014-03 01? http://www.microdiode.com
surface mount zener diode mmsz5221bs-mmsz5263bs zener voltage range test current maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt@ i zt z zk@ i zk =0.25ma i r @v r type number marking code nom(v) min(v) max(v) ma ? a v mmsz5262bs m7 51 48.45 53.55 2.5 125 1100 0.1 39 mmsz5263bs m8 53.20 58. 80 2.2 150 1300 0.1 43 notes: 1. valid provided that device term inals are kept at am bient temperature. 2. tested with pulses, t 1.0ms. typical characteristics @ ta=25 unless otherwise specified 2014-03 01? http://www.microdiode.com
surface mount zener diode mmsz5221bs-mmsz5263bs package outline plastic surface mounted package sod-323 soldering footprint unit mm package information device package shipping mmsz5221bs-mmsz5263bs sod-323 3000/tape&reel sod-323 dim min max a 1.60 1.80 b 1.20 1.40 c 0.9 max d 0.30 typical e 0.22 0.42 h 0.02 0.1 j 0.1 typical k 2.55 2.75 all dimensions in mm 1.60 0.63 0.83 2.85 d a k c b h j e 2014-03 01? http://www.microdiode.com


▲Up To Search▲   

 
Price & Availability of MMSZ5234BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X